|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRODUCT INFORMATION SHEET MFP555 IG ANTIGOAT ANTI- MOUSE IGG ANTIBODY (H+L) ANTIBODY #MFP-A2422 MFP555 goat anti-mouse IgG (H+L) S UMMARY Store at 4C, do not freeze. Protect from light. Lot Number: 2904074 Concentration: 1.0 mg/ml Unit size: 1 ml Working Concentration: 1 - 10 g/ml Abs./Em.max.: 560/585 nm 1. Product Identification Product name: MFP555 goat anti-mouse IgG (H+L) antibody Product number: MFP-A2422 Unit size: 1 ml 2. Product Specification Lot number: 2804074 Concentration: 1.0 mg/ml Working concentration: 1-10 g/ml 3. Storage Conditions Store at 4C. For longer storage, divide the solution into single use aliquots and store at -20C. Do not freeze. Protect from light. The antibody is stable for at least three months when stored undiluted at 4C. 4. Lot Specification Lot Data Absorption maximum: 562nm Emission maximum: 585 nm Degree of Labeling: 2.1 Specification 560 +/- 5 nm 585+/- 5 nm 1.0 - 2.5 5. Antibody Specification Cross-adsorbed against human IgG and human serum. . MoBiTec GmbH, Lotzestrae 22a, D-37083 Gottingen, Tel.: ++49 551-70 722- 0, Fax: ++49 551-70 722-22 E-mail: info@mobitec.de or order@mobitec.de, INTERNET: http://www.mobitec.de PRODUCT INFORMATION SHEET MFP555 GOAT ANTI- MOUSE IGG ANTIIG (H+L) ANTIBODY ANTIBODY #MFP-A2422 6. Spectra MFP555 Figure above: Absorption and fluorescence emission spectra of MFP555 dye in ethanol (molar absorbance: 100.000 M-1cm-1). Absorption and emission maximum shift to 560/585 nm by measuring MFP555 goat anti-mouse IgG antibody in PBS buffer, pH 7.2. 7. Other Information This material is sold for research purposes only and is not required to appear on the TSCA inventory. It is not intended for food, drug, household, agricultural or cosmetic use. Its use must be supervised by a technically qualified individual experienced in handling potentially hazardous chemicals. The above information is correct to the best of our knowledge. Users should make independent decisions regarding completeness of the information based on all sources available. MoBiTec shall not be held liable for any damage resulting from handling or contact with the above product. 8. Order Information, Shipping, Storage Order# MFP-A2422 Description MFP555 goat anti-mouse IgG (H+L), 1 mg/ml Amount 1 ml Shipped on blue ice, store at 4C. MoBiTec For research use only. Not for use in diagnostic or therapeutic procedures. MoBiTec GmbH, Lotzestrae 22a, D-37083 Gottingen, Tel.: ++49 551-70 722- 0, Fax: ++49 551-70 722-22 E-mail: info@mobitec.de or order@mobitec.de, INTERNET: http://www.mobitec.de |
Price & Availability of MFP555 |